Part Number Hot Search : 
E2216H 74LVC A1S109 SM6TY EPF8075S 46400 11005 DM74155
Product Description
Full Text Search
 

To Download CSMS15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CSMS05 CSMS12 CSMS15 CSMS24 SURFACE MOUNT QUAD SILICON TVS/ZENER ARRAY 5 THRU 24 VOLTS
Specifie d by
Central
TM
Semiconductor Corp.
DESCRIPTION: The CENTRAL SEMICONDUCTOR CSMS05 Series is a 4 Line TVS/Zener Array packaged in the SOT-26 surface mount case. These devices are designed to protect sensitive equipment against ESD and prevent latch-up events in CMOS circuitry operating at 5V, 12V, 15V, and 24V. FEATURES * Very low Clamping Voltage * Low Leakage Current * 350W Power Dissipation * SMD SOT-26 Package * IEC61000-4-2 ESD 20kV air, 15kV Contact Compliance APPLICATIONS: * PDA's * Cell Phones * Memory Card Ports
STAND-OFF VOLTAGE
SOT-26 CASE
MARKING CSMS05: CSMS12: CSMS15: CSMS24:
CODES CS05 CS12 CS15 CS24
* Instrumentation
MAXIMUM RATINGS: (TA=25C unless otherwise noted) Peak Pulse Power ESD Voltage (HBM) Operating Temperature Range Storage Temperature Range
SYMBOL Ppp VESD TJ Tstg
350 >25 -50 to +125 -50 to +150
UNITS W kV C C
ELECTRICAL CHARACTERISTICS: (TA=25C unless otherwise noted) Reverse Stand-Off Voltage TYPE NO.
VWRM MAX (V) VBR MIN (V) 6.0 13.3 16.7 26.7 IBR (mA) 1.0 1.0 1.0 1.0 IR MAX (A) 5.0 5.0 5.0 5.0 VR (V) 5 12 15 24 Vcl MAX (V) 9.5 17 22 35 IPP (A) 5.0 5.0 5.0 5.0 Vcl MAX (V) 13 21 27 40 IPP (A) 24 24 24 24
Reverse Breakdown Voltage
Reverse Leakage Current
Clamping Voltage 8 x 20s
Clamping Voltage 8 x 20s
Off State Junction Capacitance
(VR=0V, f=1MHz) CJ MAX (pF) 200 90 70 50
CSMS05 CSMS12 CSMS15 CSMS24
5 12 15 24
R0 (13-September 2005)
Central
TM
Semiconductor Corp.
CSMS05 CSMS12 CSMS15 CSMS24 SURFACE MOUNT QUAD SILICON TVS/ZENER ARRAY 5 THRU 24 VOLTS
SOT-26 - CASE - MECHANICAL OUTLINE
Pin Configuration Lead code: 1) Cathode D1 2) Anode D1, D2, D3, D4 3) Cathode D2 4) Cathode D3 5) Anode D1, D2, D3, D4 6) Cathode D4
Suggested mounting pad layout for maximum power dissipation (Dimensions in mm)
Circuit Diagram
For Standard mounting, refer to SOT-26 Package Details.
R0 (13-September 2005)


▲Up To Search▲   

 
Price & Availability of CSMS15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X